Part Number Hot Search : 
VN98AK TOR073 19301 001SMB 4D421 OP755B MBRF101 PM7312K
Product Description
Full Text Search
 

To Download V-600H-5400MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  v-600 v-600 p.o.box 61 d-74922 neckarbischofsheim waibstadter strasse 2-4 d-74924 neckarbischofsheim tel.: 49(0)7263-648-0 fax.: 49(0)7263-6196 e-mail: kvg_gmbh@t-online.de http://www.oase.de/kvg_gmbh 1. specification specification: v-600h v-600p standard frequencies: 44.736; 51.84; 54.00; 61.44; 68.736; 77.76 mhz 44.736; 51.84; 54.00; 61.44; 68.736; 77.76; 139.264; 155.52 mhz nominal frequency tolerance,u c = 2.5 v, t = 25 3c: < + 10 ppm frequency stability in the temperature range - 20c to + 70c: vs. supply voltage changes ub 5 %: vs. load changes 5 %: < + 15 ppm < + 3 ppm < + 2 ppm < + 15 ppm < + 1 ppm < + 0.5 ppm aging @ 25c : < + 5 ppm first year / < + 2 ppm fol. years frequency control range / control voltage: > + 100 ppm / 0.5 v to 4.5 v transfer function / linearity: positive / 15 % supply voltage u b : 5 v 5 % current consumption: < 40 ma < 50 ma output voltage : load : duty cycle : hcmos 1 kohm // 15 pf 40 / 60 % pecl 100k comp. 50 ohm 40 / 60% temperature ranges operating: operable: storage: -20c ... + 70c -25c ... + 75c -40c ... + 85c 2. environmental conditions shock: din iec 68-2-27,test ea, 100 g, 6ms half-sine, 3 bumps in 3 main directions vibration: din iec 68-2-6, test fc, 10-500hz, 10g, 2 h in 3 main directions humidity: din iec 68-2-3, 40c/93%rh, 21 days solderability: din iec 68-2-20 only for wire leads, methode 3: solder globule at + 235c
v-600 v-600 p.o.box 61 d-74922 neckarbischofsheim waibstadter strasse 2-4 d-74924 neckarbischofsheim tel.: 49(0)7263-648-0 fax.: 49(0)7263-6196 e-mail: kvg_gmbh@t-online.de http://www.oase.de/kvg_gmbh 3. marking manufacturer's name, date code(week/year); specification; center frequency 4. case case style: bf-100 1.pin configuration 1. control voltage u c 7. ground, case 8. rf-output 14. supply voltage u b 5. test circuit hcmos type h : oscillator counter v v a 15 pf oscilloscope re = 50 ohm 975 ohm 50 ohm o o 1 14 8 7 o o o +uc +u b gnd pecl type p: v a o +u b gnd oscillator o o oscilloscope, counter or spectrum analyzer re = 50 ohm o b +u 220 ohm 330 ohm 1nf 43 ohm +uc o 14 1 8 7 v


▲Up To Search▲   

 
Price & Availability of V-600H-5400MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X